Part Number Hot Search : 
LB1263AR N7002 16008 4ADR2 27C64 ADF7242 C8248 150ML
Product Description
Full Text Search
 

To Download TPSMC75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMC6.8 ~ TPSMC43A
VBR : 6.8 - 43 Volts PPK : 1500 Watts
AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMC (DO-214AB)
0.060(1.52) 0.030(0.76)
0.3 05(7.75)
0.320(8.13)
0.280(7.11)
FEATURES :
* 1500W peak pulse power capability with a 10/1000ms waveform, repetition rate (duty cycle): 0.01% * Excellent clamping capability * Low incremental surge resistance * Very fast response time * For devices with V(BR) ? 10V ID are typically less than 1.0mA at Ta = 150?C * Pb / RoHS Free
0.260(6.60)
0.008(0.203) 0.004(0.102)
0.121(3.07) 0.115(2.92) 0.245(6.22) 0.220(5.59) 0.103(2.62 ) 0.079(2.00 ) 0.012(0.305) 0.006(0.152)
Dimensions in inches and (millimeter)
MECHANICAL DATA
* Case : SMC Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.21 grams
Maximum Ratings and Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified.
Parameter
Peak Pulse Power Dissipation with a 10/1000 s waveform (1)(2) Fig.5 Peak power pulse current with a 10/1000?s waveform (1) Fig.2 Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (2)(3) Maximum instantaneous forward voltage at 100A(3) Operating and Storage Temperature Range
Symbol
PPPM IPPM IFSM VF TJ, TSTG
Value
Minimum 1500 See Next Table 200 3.5 - 65 to + 185
Unit
W A A V C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on 0.31 x 0.31" (8.0 x 8.0mm) copper pads to each terminal (3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
Page 1 of 3
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Working Peak Reverse Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 Maximum Reverse Leakage @ VRWM IR (A) 1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage @ VRWM, Tj=150C ID (A) 10000 10000 5000 2000 2000 500 500 200 200 50 50 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Maximum Peak Pulse Surge Current IPPM(2) (A) 139 143 128 132 120 124 109 112 100 103 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6 59.5 51.5 54.2 47.0 49.0 43.2 45.2 38.4 40.0 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3 Maximum Clamping Voltage @ IPPM VRSM (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
Type
Breakdown Voltage @ It (Note 1) VBR (V) Min. Max. It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
TPSMC6.8 TPSMC6.8A TPSMC7.5 TPSMC7.5A TPSMC8.2 TPSMC8.2A TPSMC9.1 TPSMC9.1A TPSMC10 TPSMC10A TPSMC11 TPSMC11A TPSMC12 TPSMC12A TPSMC13 TPSMC13A TPSMC15 TPSMC15A TPSMC16 TPSMC16A TPSMC18 TPSMC18A TPSMC20 TPSMC20A TPSMC22 TPSMC22A TPSMC24 TPSMC24A TPSMC27 TPSMC27A TPSMC30 TPSMC30A TPSMC33 TPSMC33A TPSMC36 TPSMC36A TPSMC39 TPSMC39A TPSMC43 TPSMC43A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
Notes : (1) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. (2) Surge current waveform per Fig. 5 and derate per Fig. 1 (3) "PSMC" will be omitted in marking on the diode.
Page 2 of 3
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( TPSMC6.8 - TPSMC43A )
FIG.1 - PULSE DERATING CURVE
120
PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE (%)
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
200
100
PEAK FORWARD SURGE CURRENT, AMPERES
100
80
80
60
60
40
40
TJ = TJ max 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
20 0 0 25 50 75 100 125 150 175
20 0 1
2
4
6
10
20
40
60
100
Ta, AMBIENT TEMPERATURE, ( C) FIG.3 - TYPICAL JUNCTION CAPACITANCE
10000 TJ = 25C f = 1MHz Vsig = 50mVp-p 1000 VR measured at zero bias
NUMBER OF CYCLES AT 60Hz
FIG.4 - PULSE RATING CURVE
CJ - JUNCTION CAPACITANCE , pF
100
Pp,PEAK POWER (kW)
10
100
VR measured at stand-off voltage, VWM
1.0
Ta = 25?C Non-repetitive pulse waveform shown in Fig. 5
10 1 10 100 200
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
V(BR) , BREAKDOWN VOLTAGE (V)
td, PULSE WIDTH
FIG.5 - PULSE WAVEFORM
Tr = 10s TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
IPPM, PEAK PULSE CURRENT - %
100
Peak Value IPPM
50
Half Value - IPPM 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
t, TIME(ms)
Page 3 of 3
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of TPSMC75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X